Part Number Hot Search : 
2N381011 OSW5DK BCP869 AK4122VQ BSF68G72 Q3849 78L18 2W10G
Product Description
Full Text Search
 

To Download CY7C1334-80AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 334
CY7C1334
64Kx32 Pipelined SRAM with NoBLTM Architecture
Features
* Pin compatible and functionally equivalent to ZBTTM device MT55L64L32P * Supports 133-MHz bus operations with zero wait states -- Data is transferred on every clock * Internally self-timed output buffer control to eliminate the need to use OE * Fully registered (inputs and outputs) for pipelined operation * Byte Write Capability * 64K x 32 common I/O architecture * Single 3.3V power supply * Fast clock-to-output times -- 4.2 ns (for 133-MHz device) -- 5.0 ns (for 100-MHz device) -- 7.0 ns (for 80-MHz device) -- 10.0 ns (for 50-MHz device) * Clock Enable (CEN) pin to suspend operation * Synchronous self-timed writes * Asynchronous output enable * JEDEC-standard 100-pin TQFP package * Burst Capability--linear or interleaved burst order * Low (16.5 mW) standby power
Functional Description
The CY7C1334 is a 3.3V, 64K by 32 synchronous-pipelined Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1334 is equipped with the advanced No Bus LatencyTM (NoBLTM) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of the SRAM, especially in systems that require frequent Write-Read transitions.The CY7C1334 is pin/functionally compatible to ZBT SRAM MT55L64L32P All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. The clock input is qualified by the Clock Enable (CEN) signal, which when deasserted suspends operation and extends the previous clock cycle. Maximum access delay from the clock rise is 4.2 ns (133-MHz device). Write operations are controlled by the four Byte Write Selects (BWS[0-3]) and a Write Enable (WE) input. All writes are conducted with on-chip synchronous self-timed write circuitry. Three synchronous Chip Enables (CE1, CE2, CE3) and an asynchronous Output Enable (OE) provide for easy bank selection and output three-state control. In order to avoid bus contention, the output drivers are synchronously three-stated during the data portion of a write sequence.
Logic Block Diagram
CLK CE D Data-In REG. Q
32
32
ADV/LD A[15:0] CEN CE1 CE 2 CE 3 WE BWS[3:0] CLK OOUTPUT REGISTERS and LOGIC
16
CONTROL and WRITE LOGIC
16
64KX32 MEMORY ARRAY
32
32
DQ[31:0]
OE
.
Selection Guide
7C1334-133 Maximum Access Time (ns) Maximum Operating Current (mA) Maximum CMOS Standby Current (mA) Commercial Commercial 4.2 400 5.0 7C1334-100 5.0 360 5.0 7C1334-80 7.0 310 5.0 7C1334-50 10 260 5.0
No Bus Latency and NoBL are trademarks of Cypress Semiconductor. ZBT is a trademark of Integrated Device Technology. Cypress Semiconductor Corporation Document #: 38-05065 Rev. ** * 3901 North First Street * San Jose * CA 95134 * 408-943-2600 Revised August 20, 2001
CY7C1334
Pin Configuration 100-Pin TQFP
ADV/LD BWS3 BWS2 BWS1 BWS0 CEN CLK CE1 CE2 CE3 VDD VSS WE OE NC A6 A7 NC A8 82 A9 81
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
NC DQ16 DQ17 VDDQ VSSQ DQ18 DQ19 DQ20 DQ21 VSSQ VDDQ DQ22 DQ23 VDDQ VDD VDD VSS DQ24 DQ25 VDDQ VSSQ DQ26 DQ27 DQ28 DQ29 VSSQ VDDQ DQ30 DQ31 NC
100
83
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49
80 79 78 77 76 75 74 73 72 71 70
NC DQ15 DQ14 VDDQ VSSQ DQ13 DQ12 DQ11 DQ10 VSSQ VDDQ DQ9 DQ8 VSS VDD VDD NC DQ7 DQ6 VDDQ VSSQ DQ5 DQ4 DQ3 DQ2 VSSQ VDDQ DQ1 DQ0 NC
CY7C1334
69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 NC
DNU
DNU
DNU
DNU
A10
A11
A12
A13
A14
VSS
Document #: 38-05065 Rev. **
MODE
VDD
A15
A5
A4
A3
A2
A1
A0
Page 2 of 12
CY7C1334
Pin Definitions
Pin Number 49-44, 81-82, 99, 100, 32-37 96-93 Name A[15:0] I/O InputSynchronous InputSynchronous InputSynchronous InputSynchronous Description Address Inputs used to select one of the 65,536 address locations. Sampled at the rising edge of the CLK. Byte Write Select Inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on the rising edge of CLK. BWS0 controls DQ[7:0], BWS1 controls DQ[15:8], BWS2 controls DQ[23:16], BWS0 controls DQ[31:24]. Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This signal must be asserted LOW to initiate a write sequence. Advance/Load input used to advance the on-chip address counter or load a new address. When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a new address can be loaded into the device for an access. After being deselected, ADV/LD should be driven LOW in order to load a new address. Clock input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK is only recognized if CEN is active LOW. Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2 and CE3 to select/deselect the device. Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE3 to select/deselect the device. Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE2 to select/deselect the device. Output Enable, active LOW. Combined with the synchronous logic block inside the device to control the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs. When deasserted HIGH, I/O pins are three-stated, and act as input data pins. OE is masked during the data portion of a write sequence, during the first clock when emerging from a deselected state, and when the device has been deselected. Clock Enable Input, active LOW. When asserted LOW the clock signal is recognized by the SRAM. When deasserted HIGH the clock signal is masked. Since the deasserting CEN does not deselect the device, CEN can be used to extend the previous cycle when required. Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by A[15:0] during the previous clock rise of the read cycle. The direction of the pins is controlled by OE and the internal control logic. When OE is asserted LOW, the pins can behave as outputs. When HIGH, DQ[31:0] are placed in a three-state condition. The outputs are automatically three-stated during the data portion of a write sequence, during the first clock when emerging from a deselected state, and when the device is deselected, regardless of the state of OE. Mode Input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order. Pulled LOW selects the linear burst order. Mode should not change states during operation. When left floating Mode will default HIGH, to an interleaved burst order. Power supply inputs to the core of the device. Should be connected to 3.3V power supply. Ground for the core of the device. Should be connected to ground of the system. Power supply for the I/O circuitry. Should be connected to a 3.3V power supply.
BWS[3:0]
88 85
WE ADV/LD
89 98 97 92 86
CLK CE1 CE2 CE3 OE
Input-Clock InputSynchronous InputSynchronous InputSynchronous InputAsynchronous
87
CEN
InputSynchronous
29-28, DQ[31:0] 25-22, 19-18, 13-12, 9-6, 3-2, 79-78, 75-72, 69-68, 63-62 59-56, 53-52 31 Mode
I/OSynchronous
Input Strap Pin
15, 16, 41, 65, 66, 91 4, 11, 14, 20, 27, 54, 61, 70, 77
VDD
Power Supply Ground I/O Power Supply I/O Ground -
17, 40, 67, 90 VSS VDDQ
5, 10, 21, 26, VSSQ 55, 60, 71, 76 64 NC
Ground for the I/O circuitry. Should be connected to ground of the system. No Connect. Reserved for drive strength control input. Page 3 of 12
Document #: 38-05065 Rev. **
CY7C1334
Pin Definitions (continued)
Pin Number 50, 83, 84 1, 30, 51, 80 Name NC NC I/O Description No connects. Reserved for address inputs for depth expansion. Pins 50, 83, and 84 will be used for 128K, 256K, and 512K depths respectively. No connects. Reserved for parity I/O signals on x36 devices. These inputs are not connected to the device. Do Not Use pins. These pins should be left floating or tied to VSS. Burst Read Accesses The CY7C1334 has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four Reads without reasserting the address inputs. ADV/LD must be driven LOW in order to load a new address into the SRAM, as described in the Single Read Access section above. The sequence of the burst counter is determined by the MODE input signal. A LOW input on MODE selects a linear burst mode, a HIGH selects an interleaved burst sequence. Both burst counters use A0 and A1 in the burst sequence, and will wrap-around when incremented sufficiently. A HIGH input on ADV/LD will increment the internal burst counter regardless of the state of chip enables inputs or WE. WE is latched at the beginning of a burst cycle. Therefore, the type of access (Read or Write) is maintained throughout the burst sequence. Single Write Accesses A write access is initiated when the following conditions are satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2, and CE3 are ALL asserted active, and (3) the write signal WE is asserted LOW. The address presented to A0-A15 is loaded into the Address Register. The write signals are latched into the Control Logic block. On the subsequent clock rise the data lines are automatically three-stated regardless of the state of the OE input signal. This allows the external logic to present the data on DQ0-DQ31. In addition, the address for the subsequent access (Read/ Write/Deselect) is latched into the Address Register (provided the appropriate control signals are asserted). On the next clock rise the data presented to DQ0-DQ31 inputs (or a subset for byte write operations, see Write Cycle Description table for details) is latched into the device and the write is complete. The data written during the Write operation is controlled by BWS[3:0] signals. The CY7C1334 provides byte write capability that is described in the Write Cycle Description table. Asserting the Write Enable input (WE) with the selected Byte Write Select (BWS[0:3]) input will selectively write to only the desired bytes. Bytes not selected during a byte write operation will remain unaltered. A Synchronous self-timed write mechanism has been provided to simplify the write operations. Byte write capability has been included in order to greatly simplify Read/Modify/Write sequences, which can be reduced to simple byte write operations. Because the CY7C1334 is a common I/O device, data should not be driven into the device while the outputs are active. The Output Enable (OE) can be deasserted HIGH before presenting data to the DQ0-DQ31 inputs. Doing so will three-state the output drivers. As a safety precaution, DQ0-DQ31 are automatically three-stated during the data portion of a write cycle, regardless of the state of OE.
38, 39, 42, 43 DNU
Introduction
Functional Overview The CY7C1334 is a synchronous-pipelined Burst SRAM designed specifically to eliminate wait states during Write-Read transitions. All synchronous inputs pass through input registers controlled by the rising edge of the clock. The clock signal is qualified with the Clock Enable input signal (CEN). If CEN is HIGH, the clock signal is not recognized and all internal states are maintained. All synchronous operations are qualified with CEN. All data outputs pass through output registers controlled by the rising edge of the clock. Maximum access delay from the clock rise (tCO) is 4.2 ns (133-MHz device). Accesses can be initiated by asserting all three Chip Enables (CE1, CE2, CE3) active at the rising edge of the clock. If clock enable (CEN) is active LOW and ADV/LD is asserted LOW, the address presented to the device will be latched. The access can either be a read or write operation, depending on the status of the Write Enable (WE). BWS[3:0] can be used to conduct byte write operations. Write operations are qualified by the Write Enable (WE). All writes are simplified with on-chip synchronous self-timed write circuitry. Three synchronous Chip Enables (CE1, CE2, CE3) and an asynchronous Output Enable (OE) simplify depth expansion. All operations (Reads, Writes, and Deselects) are pipelined. ADV/LD should be driven LOW once the device has been deselected in order to load a new address for the next operation. Single Read Accesses A read access is initiated when the following conditions are satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2, and CE3 are ALL asserted active, (3) the write enable input signal WE is deasserted HIGH, and (4) ADV/LD is asserted LOW. The address presented to the address inputs (A0-A15) is latched into the Address Register and presented to the memory core and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At the rising edge of the next clock the requested data is allowed to propagate through the output register and onto the data bus within 4.2 ns (133 MHz device) provided OE is active LOW. After the first clock of the read access the output buffers are controlled by OE and the internal control logic. OE must be driven LOW in order for the device to drive out the requested data. During the second clock, a subsequent operation (Read/Write/Deselect) can be initiated. Deselecting the device is also pipelined. Therefore, when the SRAM is deselected at clock rise by one of the chip enable signals, its output will three-state following the next clock rise.
Document #: 38-05065 Rev. **
Page 4 of 12
CY7C1334
Burst Write Accesses The CY7C1334 has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four Write operations without reasserting the address inputs. ADV/LD must be driven LOW in order to load the initial address, as described in the Single Write Access section above. When ADV/LD is driven HIGH on the subsequent clock rise, the chip enables (CE1, CE2, and CE3) and WE inputs are ignored and the burst counter is incremented. The correct BWS[3:0] inputs must be driven in each cycle of the burst write in order to write the correct bytes of data.
Cycle Description Truth Table[1, 2, 3, 4, 6, 7]
Operation Deselected Suspend Begin Read Begin Write Burst Read Operation Address Used External External External Internal CE 1 X 0 0 X CEN 0 1 0 0 0 ADV/ LD L X 0 0 1 WE X X 1 0 X BWSx X X X Valid X CLK L-H L-H L-H L-H L-H Comments I/Os three-state following next recognized clock. Clock ignored, all operations suspended. Address latched. Address latched, data presented two valid clocks later. Burst Read operation. Previous access was a Read operation. Addresses incremented internally in conjunction with the state of Mode. Burst Write operation. Previous access was a Write operation. Addresses incremented internally in conjunction with the state of Mode. Bytes written are determined by BWS[3:0].
Burst Write Operation
Internal
X
0
1
X
Valid
L-H
Interleaved Burst Sequence
First Address Ax+1, Ax 00 01 10 11 Second Address Ax+1, Ax 01 00 11 10 Third Address Ax+1, Ax 10 11 00 01 Fourth Address Ax+1, Ax 11 10 01 00
Linear Burst Sequence
First Address Ax+1, Ax 00 01 10 11 Second Address Ax+1, Ax 01 10 11 00 Third Address Ax+1, Ax 10 11 00 01 Fourth Address Ax+1, Ax 11 00 01 10
Notes: 1. X="Don't Care", 1=Logic HIGH, 0=Logic LOW, CE stands for ALL Chip Enables active.BWSx = 0 signifies at least one Byte Write Select is active, BWSx = Valid signifies that the desired byte write selects are asserted, see Write Cycle Description table for details. 2. Write is defined by WE and BWS[3:0]. See Write Cycle Description table for details. 3. The DQ pins are controlled by the current cycle and the OE signal. 4. CEN=1 inserts wait states. 5. CEN=1 inserts wait states. 6. Device will power-up deselected and the I/Os in a three-state condition, regardless of OE. 7. OE assumed LOW.
Document #: 38-05065 Rev. **
Page 5 of 12
CY7C1334
Write Cycle Description[8, 9]
Function Read Write - No bytes written Write Byte 0 - DQ[7:0] Write Byte 1 - DQ[15:8] Write Bytes 1, 0 Write Byte 2 - DQ[23:16] Write Bytes 2, 0 Write Bytes 2, 1 Write Bytes 2, 1, 0 Write Byte 3 - DQ[31:24] Write Bytes 3, 0 Write Bytes 3, 1 Write Bytes 3, 1, 0 Write Bytes 3, 2 Write Bytes 3, 2, 0 Write Bytes 3, 2, 1 Write All Bytes WE 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 BWS3 X 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 BWS2 X 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 BWS1 X 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 BWS0 X 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ..................................... -65C to +150C Ambient Temperature with Power Applied.................................................. -55C to +125C Supply Voltage on VDD Relative to GND.........-0.5V to +4.6V DC Voltage Applied to Outputs in High Z State[10] ....................................-0.5V to VDDQ + 0.5V DC Input Voltage
[10]
Current into Outputs (LOW) ........................................ 20 mA Static Discharge Voltage .......................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current.................................................... >200 mA
Operating Range
Range Com'l Ambient Temperature[11] 0C to +70C VDD/VDDQ 3.3V 5%
................................-0.5V to VDDQ + 0.5V Notes: 8. X="Don't Care", 1=Logic HIGH, 0=Logic LOW. 9. Write is initiated by the combination of WE and BWSx.Bytes written are determined by BWS[3:0]. Bytes not selected during byte writes remain unaltered. All I/Os are three-stated during byte writes. 10. Minimum voltage equals -2.0V for pulse durations less than 20 ns. 11. TA is the case temperature.
Document #: 38-05065 Rev. **
Page 6 of 12
CY7C1334
Electrical Characteristics Over the Operating Range
Parameter VDD VDDQ VOH VOL VIH VIL IX IOZ ICC Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Input Current of MODE Output Leakage Current VDD Operating Supply GND VI VDDQ, Output Disabled VDD = Max., IOUT = 0 mA, f = fMAX = 1/tCYC 7.5-ns cycle, 133 MHz 10-ns cycle, 100 MHz 12.5-ns cycle, 80 MHz 20.0-ns cycle, 50 MHz ISB1 Automatic CE Power-Down Current-TTL Inputs Max. VDD, Device Deselected, VIN VIH or VIN VIL f = fMAX = 1/tCYC 7.5-ns cycle, 133 MHz 10-ns cycle, 100 MHz 12.5-ns cycle, 80 MHz 20.0-ns cycle, 50 MHz ISB2 Automatic CE Power-Down Current-CMOS Inputs Automatic CE Power-Down Current-CMOS Inputs Max. VDD, Device Deselected, VIN 0.3V or VIN > VDDQ - 0.3V, f=0 Max. VDD, Device Deselected, or VIN 0.3V or VIN > VDDQ - 0.3V f = fMAX = 1/tCYC All speed grades
[10]
Test Conditions
Min. 3.135 3.135
Max. 3.465 3.465 0.4
Unit V V V V V V A A A mA mA mA mA mA mA mA mA mA
VDD = Min., IOH = -4.0 mA
[12]
2.4 2.0 -0.3 VDD + 0.3V 0.8 5 30 5 400 360 310 260 60 50 40 35 5.0
VDD = Min., IOL = 8.0 mA[12]
GND VI VDDQ
-5 -30 -5
ISB3
7.5-ns cycle, 133 MHz 10-ns cycle, 100 MHz 12.5-ns cycle, 80 MHz 20-ns cycle, 50 MHz
50 40 30 25
mA mA mA mA
Capacitance[13]
Parameter CIN CCLK CI/O Description Input Capacitance Clock Input Capacitance Input/Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V. VDDQ = 3.3V Max. 4 4 4 Unit pF pF pF
AC Test Loads and Waveforms
OUTPUT Z0 =50 RL =50 VL = 1.5V 3.3V OUTPUT 3.0V 5 pF R=351 INCLUDING JIG AND SCOPE GND R=317
[14]
ALL INPUT PULSES
(a)
(b)
1334-2
Notes: 12. The load used for VOH and VOL testing is shown in figure (b) of the A/C test conditions. 13. Tested initially and after any design or process change that may affect these parameters. 14. A/C test conditions assume signal transition time of 2 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading shown in (a) of AC Test Loads.
Document #: 38-05065 Rev. **
Page 7 of 12
CY7C1334
Thermal Resistance
Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Still Air, soldered on a 4.25 x 1.125 inch, 4-layer printed circuit board Symbol JA JC TQFP Typ. 28 4 Units C/W C/W Notes 13 13
Switching Characteristics Over the Operating Range[14, 15, 16]
-133 Parameter tCYC tCH tCL tCO tDOH tAS tAH tCENS tCENH tWES tWEH tALS tALH tDS tDH tCES tCEH tCHZ tCLZ tEOHZ tEOLZ tEOV Description Clock Cycle Time Clock HIGH Clock LOW Data Output Valid After CLK Rise Data Output Hold After CLK Rise Address Set-Up Before CLK Rise Address Hold After CLK Rise CEN Set-Up Before CLK Rise CEN Hold After CLK Rise GW, BWS[3:0] Set-Up Before CLK Rise GW, BWS[3:0] Hold After CLK Rise ADV/LD Set-Up Before CLK Rise ADV/LD Hold after CLK Rise Data Input Set-Up Before CLK Rise Data Input Hold After CLK Rise Chip Enable Set-Up Before CLK Rise Chip Enable Hold After CLK Rise Clock to High-Z[13, 15, 16, 17] Clock to Low-Z
[13, 15, 16, 17] [13, 15, 16, 17]
-100 Min. 10 3.5 3.5 Max.
-80 Min. 12.5 4.0 4.0 Max.
-50 Min. 20.0 6.0 6.0 7.0 10.0 1.5 3.0 1.5 3.0 1.5 3.0 1.5 3.0 1.5 3.0 1.5 3.0 1.5 3.5 1.5 1.5 6.0 6.0 1.0 6.0 6.0 3.5 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Min. 7.5 2.2 2.2
Max.
4.2 1.5 2.0 0.5 2.0 0.5 2.0 0.5 2.0 0.5 1.7 0.5 2.0 0.5 1.5 1.5 4.2 1.0 4.2 1.0 3.5 1.5 2.2 0.5 2.2 0.5 2.2 0.5 2.2 0.5 2.0 0.5 2.2 0.5 1.5 1.5
5.0 1.5 2.5 1.0 2.5 1.0 2.5 1.0 2.5 1.0 2.5 1.0 2.5 1.0 3.5 1.5 1.5 5.0 1.0 5.0
OE HIGH to Output High-Z OE LOW to Output Low-Z
[13, 15, 16, 17]
OE LOW to Output Valid[15]
Notes: 15. tCHZ, tCLZ, tOEV, tEOLZ, and tEOHZ are specified with A/C test conditions shown in part (a) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 16. At any given voltage and temperature, tEOHZ is less than tEOLZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve High-Z prior to Low-Z under the same system conditions. 17. This parameter is sampled and not 100% tested.
Document #: 38-05065 Rev. **
Page 8 of 12
CY7C1334
Switching Waveforms
Read/Write/Deselect Sequence
WRITE DESELECT SUSPEND READ READ DESELECT DESELECT WRITE READ READ READ
CLK
tCH tCL tCYC tCENS tCENH
CEN
tAS tAH
ADDRESS
RA1
WA2
RA3
RA4
WA5
RA6
RA7
WE & BWS[3:0]
tWS tWH tCES tCEH
CEN HIGH blocks all synchronous inputs
CE
tDS tDH D2 In tCHZ tDOH Q3 1a Out Q4 Out D5 In Q6 Out tCHZ Q7 Out
tCLZ
tDOH Q1 1a Out
DataIn/Out
Device originally deselected tCO
The combination of WE & BWS[3:0] defines a write cycle (see Write Cycle Description table). CE is the combination of CE1, CE2, and CE3. All chip enables need to be active in order to select the device. Any chip enable can deselect the device. RAx stands for Read Address X, WAx stands for Write Address X, Dx stands for Data-in for location X, Qx stands for Data-out for location X. ADV/LD held LOW. OE held LOW. = DON'T CARE = UNDEFINED
Document #: 38-05065 Rev. **
Page 9 of 12
CY7C1334
Switching Waveforms (continued)
Burst Sequences
Begin Read Burst Read Burst Read Burst Read Begin Read Begin Write Burst Write Burst Write Burst Write Burst Read Burst Read
CLK
tALS tALH tCH tCL tCYC
ADV/LD
tAS tAH
ADDRESS
RA1
WA2
RA3
WE
tWS tWH tWS tWH
BWS[3:0]
tCES tCEH
CE
tCHZ Q1+1 Out Q1+2 Out Q1+3 Out tDS tCLZ D2+1 In D2+2 In D2+3 In Q3 Out
tCLZ
tDOH Q1 1a Out
tDH D2 In
DataIn/Out
Device originally deselected
tCO
tCO
The combination of WE & BWS[3:0] define a write cycle (see Write Cycle Description table). CE is the combination of CE1, CE2, and CE3. All chip enables need to be active in order to select the device. Any chip enable can deselect the device. RAx stands for Read Address X, WA stands for Write Address X, Dx stands for Data-in for location X, Qx stands for Data-out for location X. CEN held LOW. During burst writes, byte writes can be conducted by asserting the appropriate BWS[3:0] input signals. Burst order determined by the state of the Mode input. CEN held LOW. OE held LOW. = DON'T CARE = UNDEFINED
Document #: 38-05065 Rev. **
Page 10 of 12
CY7C1334
Switching Waveforms (continued)
OE Timing
OE
tEOHZ tEOV
I/O's
Three-State
tEOLZ
Ordering Information
Speed (MHz) 133 100 80 50 Ordering Code CY7C1334-133AC CY7C1334-100AC CY7C1334-80AC CY7C1334-50AC Package Name A101 A101 A101 A101 Package Type 100-Lead (14 x 20 x 1.4 mm) Thin Quad Flat Pack 100-Lead (14 x 20 x 1.4 mm) Thin Quad Flat Pack 100-Lead (14 x 20 x 1.4 mm) Thin Quad Flat Pack 100-Lead (14 x 20 x 1.4 mm) Thin Quad Flat Pack Operating Range Commercial Commercial Commercial Commercial
Package Diagram
100-Pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm) A101
51-85050-A
Document #: 38-05065 Rev. **
Page 11 of 12
(c) Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7C1334
Document Title: CY7C1334 64K x 32 Pipelined SRAM with NoBLTM Architecture Document Number: 38-05065 REV. ** ECN NO. 107258 Issue Date 08/22/01 Orig. of Change SZV Description of Change Change from Spec number: 38-00638 to 38-05065
Document #: 38-05065 Rev. **
Page 12 of 12


▲Up To Search▲   

 
Price & Availability of CY7C1334-80AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X